PART |
Description |
Maker |
HA-2620 HA-2626 HA-2625 |
Op Amp, 100MHz, High Input Impedance, Very Wideband, Uncompensated, Offset=0.5mV Op Amp, 100MHz, High Input Impedance, Very Wideband, Uncompensated, Rad-Hard Op Amp, 100MHz, High Input Impedance, Very Wideband, Uncompensated, Offset=3.0mV
|
Intersil
|
HA-2505 HA3-2505-5 FN2890 |
12MHz, High Input Impedance, Operational Amplifier OP-AMP, 10000 uV OFFSET-MAX, 12 MHz BAND WIDTH, PDIP8 12MHz, High Input Impedance,
Operational Amplifier(12MHz、高输入阻抗运算放大 12MHz/ High Input Impedance/ Operational Amplifier From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
LT6005CGNPBF LT6004IDDTRPBF LT6003CDC-TRMPBF LT600 |
1.6V, 1A Precision Rail-to-Rail Input and Output Op Amps 1.6V, 1μA Precision Rail-to-Rail Input and Output Op Amps 1.6V, 1µA Precision Rail-to-Rail Input and Output Op Amp; Package: DFN; No of Pins: 8; Temperature Range: -40°C to 85°C DUAL OP-AMP, 1500 uV OFFSET-MAX, 0.003 MHz BAND WIDTH, PDSO8 1.6V, 1µA Precision Rail-to-Rail Input and Output Op Amp; Package: TSSOP; No of Pins: 16; Temperature Range: 0°C to 70°C QUAD OP-AMP, 1050 uV OFFSET-MAX, 0.003 MHz BAND WIDTH, PDSO16
|
Linear Dimensions Semiconductor Linear Technology, Corp.
|
MC74HC08ADG MC74HC08ADR2G MC74HC08ADTR2G MC74HC08A |
Quad 2−Input AND Gate High−Performance Silicon−Gate CMOS HC/UH SERIES, QUAD 2-INPUT AND GATE, PDSO14 Quad 2−Input AND Gate High−Performance Silicon−Gate CMOS
|
ON Semiconductor
|
DAC-08EDR2 DAC-08EDR2G DAC-08ENG DAC-08CNG |
8−Bit High−Speed Multiplying D/A Converter PARALLEL, 8 BITS INPUT LOADING, 0.07 us SETTLING TIME, 8-BIT DAC, PDSO16 8−Bit High−Speed Multiplying D/A Converter PARALLEL, 8 BITS INPUT LOADING, 0.07 us SETTLING TIME, 8-BIT DAC, PDIP16
|
ON Semiconductor
|
LT1012AIS8 LT1012CN8PBF LT1012MH883 LT1012MH883C L |
Picoamp Input Current, Microvolt Offset, Low Noise Op Amp JT 21C 21#16 SKT PLUG OP-AMP, 180 uV OFFSET-MAX, PDSO8 Picoamp Input Current, Microvolt Offset, Low Noise Op Amp; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C OP-AMP, 200 uV OFFSET-MAX, PDIP8 OP-AMP, MBCY8 OP-AMP, 0 uV OFFSET-MAX, MBCY8
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
PDCS6290 PDCS6290H PDCS6290V PDCS6212 PDCS6212H PD |
DC/DC POWER MODULES 2 AMP ADJUSTABLE HIGH INPUT
|
Premier Magnetics, Inc.
|
MSK0032B 5962-80013 MSK0032 0032 |
HIGH SPEED, FET INPUT DIFFERENTIAL OP-AMP
|
ETC[ETC]
|
MC10H117MELG MC10H117FNR2G |
Dual 2−Wide 2−3−Input OR−AND/OR−AND Gate 10H SERIES, DUAL 5-INPUT OR-AND/OR-AND-INVERT GATE, PDSO16 Dual 2−Wide 2−3−Input OR−AND/OR−AND Gate 10H SERIES, DUAL 5-INPUT OR-AND/OR-AND-INVERT GATE, PQCC20
|
ON Semiconductor
|
EDI8F81025LP100B6C EDI8F81025LP100B6I EDI8F81025LP |
Dual Input, High Speed, Dual Channel Power MOSFET Driver; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R Dual Input, High Speed, Dual Channel Power MOSFET Driver; Temperature Range: 0°C to 70°C; Package: 8-PDIP Dual Input, High Speed, Dual Channel Power MOSFET Driver; Temperature Range: 0°C to 70°C; Package: 8-SOIC Dual Channel, High Speed, High Current Line Driver with 3-State; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R Dual Input, High Speed, Dual Channel Power MOSFET Driver; Temperature Range: -40°C to 85°C; Package: 8-PDIP Dual Channel, High Speed, High Current Line Driver with 3-State; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R x8的SRAM模块
|
Electronic Theatre Controls, Inc.
|
LT10081 LT1008MH LT1008CN8PBF LT1008IN8 LT1008CJ8 |
Picoamp Input Current, Microvolt Offset, Low Noise Op Amp; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C OP-AMP, 250 uV OFFSET-MAX, PDIP8
|
Linear Technology, Corp.
|
|